|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxB 1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) DESCRIPTION Mod ule type FU-68PDF-V510MxxB is a 1.55mm DFBLD module with polarization maintaining optical fiber. Th is module is suitable to a CW light source for external modulator for use in 2.5Gb/s and 10Gb/s digital optical communication systems. Th is module is pre pared in accordance with ITU-T reco mmend ation wavelength channel plan for DenseWDM transmission. FEATURES Input impedance is 25W Multi qu antum wells (MQW) DFB Laser Diode module Emission wavelength is in 1.55mm band Polarization maintaining optical fiber pig-tail Built-in optical isolator Built-in thermal electric cooler Butterfly package With photodiode for optical output monitor APPLICATION High speed transmission systems (~10Gb/s) Dense-WDM systems ABSOLUTE MAXIMUM RATINGS (Tld=Tset) Parameter Symbol Laser diode Optical output Pf power Forward current If Reverse voltage Vrl Photodiode Reverse voltage Vrd Forward current Ifd ThermoCooler current Ipe electric co oler Cooler voltage Vpe (Note) Operating case temperature Tc Storage temperature Tstg Conditions CW CW Rating 15 150 2 20 2 1.3 3.1 -20 ~ 70 -40 ~ 85 Unit mW mA V V mA A V C C Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current loading or operation without heatsink may easily damage the module by exceeding the storage temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC operation to avoid the catastrophic damage. MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxB 1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25C unless otherwise noted) Parameter Threshold current Operating current Operating voltage Input impedance Light-emission central wavelength Central wavelength drift with case temp. Laser operating temperature Spectral line width Side mode suppression ratio Cutoff frequency (-1.5dB optical) Polarization extinction ratio Relative intensity noise Tracking error (Note 2) Differential efficiency Monitor current Optical isolation Dark current (PD) Symbol Ith Iop Vop Zin lc Dlc/DTc Tset Df Sr fc Ex Nr Er h Imon Iso Id Test Conditions CW CW, Pf=10mW CW, Pf=10mW Pf=10mW CW, Pf=10mW Tc=-20~70C CW, Pf=10mW CW, Pf=10mW Pf=10mW CW, Pf=10mW CW, Pf=10mW, 0.5~3GHz Tc=-20~70C, APC, ATC CW, Pf=10mW CW, Pf=10mW, Vrd=5V Tc=25C Tc=-20~70C Vrd=5V, Tc=-20~70C Vrd=5V, f=1MHz -1 20 33 2 20 0.1 0.2 35 23 Min. Limits Typ. 10 25 (Note 1) 40 25 -155 0 35 20 -145 0.5 2 0.1 10 Unit Max. 25 100 1.8 mA mA V W nm pm/C C MHz dB GHz dB dB/Hz dB mW/ mA mA dB mA pF Capacitance (PD) Ct Note 1) See Table 1. Note 2) Er=max|10log(Pf / Pf@25C)| MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxB 1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70C) Parameter Symbol Test Conditions Thermistor resistance B constant of Rth Cooling capacity Cooler current Cooler voltage Rth B DT Ipe Vpe Tld=25 Pf=10mW, Tc=70C Pf=10mW, Tc=70C, Tld=Tset Pf=10mW, Tc=70C, Tld=Tset Min. 9.5 50 - Limits Typ. 10 3950 0.6 1.2 Unit Max. 10.5 1 2 kW K C A V FIBER PIGTAIL SPECIFICATIONS Parameter Type Mode field diameter Cladding diameter Secondary coating outer diameter Polarization axis Connector Optical return loss of connector Note 3) PMF - Sumitomo Panda fiber (PM-155) Limits PM (Note 3) 11 1 125 3 0.9 0.1 slow axis FC/PC 40 (min) Unit mm mm mm dB DOCUMENTATION (Tld=Tset) Fiber output power vs. Laser forward current at Tld=Tset and Tc=-20,25,70C Threshold current (Ith) Laser forward current (Iop) at Pf=10mW Laser forward voltage (Vop) at Pf=10mW Laser operating temperature (Tset) at lc (Note 4) Monitor current (Imon) at Pf=10mW Thermistor resistance (Rth) Cooler current (Ipe) at Pf=10mW and Tc=70C Cooler voltage (Vpe) at Pf=10mW and Tc=70C Note 4) Tset is attached as a reference data. Rth should be used in order to tune the wavelength to the specified value accurately. MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxB 1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) Table 1. Type number FU-68PDF-510M9B FU-68PDF-510M10B FU-68PDF-510M11B FU-68PDF-510M12B FU-68PDF-510M13B FU-68PDF-510M14B FU-68PDF-510M15B FU-68PDF-510M16B FU-68PDF-510M17B FU-68PDF-510M18B FU-68PDF-510M19B FU-68PDF-510M20B FU-68PDF-510M21B FU-68PDF-510M22B FU-68PDF-510M23B FU-68PDF-510M24B FU-68PDF-510M25B FU-68PDF-510M26B FU-68PDF-510M27B FU-68PDF-510M28B FU-68PDF-510M29B FU-68PDF-510M30B FU-68PDF-510M31B FU-68PDF-510M32B FU-68PDF-510M33B FU-68PDF-510M34B FU-68PDF-510M35B FU-68PDF-510M36B FU-68PDF-510M37B Tolerance is lc lc (nm) 1529.55 1529.94 1530.33 1530.72 1531.12 1531.51 1531.90 1532.29 1532.68 1533.07 1533.47 1533.86 1534.25 1534.64 1535.04 1535.43 1535.82 1536.22 1536.61 1537.00 1537.40 1537.79 1538.19 1538.58 1538.98 1539.37 1539.77 1540.16 1540.56 Type number FU-68PDF-510M38B FU-68PDF-510M39B FU-68PDF-510M40B FU-68PDF-510M41B FU-68PDF-510M42B FU-68PDF-510M43B FU-68PDF-510M44B FU-68PDF-510M45B FU-68PDF-510M46B FU-68PDF-510M47B FU-68PDF-510M48B FU-68PDF-510M49B FU-68PDF-510M50B FU-68PDF-510M51B FU-68PDF-510M52B FU-68PDF-510M53B FU-68PDF-510M54B FU-68PDF-510M55B FU-68PDF-510M56B FU-68PDF-510M57B FU-68PDF-510M58B FU-68PDF-510M59B FU-68PDF-510M60B FU-68PDF-510M61B FU-68PDF-510M62B FU-68PDF-510M63B FU-68PDF-510M64B FU-68PDF-510M65B FU-68PDF-510M66B lc (nm) 1540.95 1541.35 1541.75 1542.14 1542.54 1542.94 1543.33 1543.73 1544.13 1544.53 1544.92 1545.32 1545.72 1546.12 1546.52 1546.92 1547.32 1547.72 1548.11 1548.51 1548.91 1549.32 1549.72 1550.12 1550.52 1550.92 1551.32 1551.72 1552.12 Type number FU-68PDF-510M67B FU-68PDF-510M68B FU-68PDF-510M69B FU-68PDF-510M70B FU-68PDF-510M71B FU-68PDF-510M72B FU-68PDF-510M73B FU-68PDF-510M74B FU-68PDF-510M75B FU-68PDF-510M76B FU-68PDF-510M77B FU-68PDF-510M78B FU-68PDF-510M79B FU-68PDF-510M80B FU-68PDF-510M81B FU-68PDF-510M82B FU-68PDF-510M83B FU-68PDF-510M84B FU-68PDF-510M85B FU-68PDF-510M86B FU-68PDF-510M87B FU-68PDF-510M88B FU-68PDF-510M89B FU-68PDF-510M90B FU-68PDF-510M91B FU-68PDF-510M92B FU-68PDF-510M93B FU-68PDF-510M94B FU-68PDF-510M95B lc (nm) 1552.52 1552.93 1553.33 1553.73 1554.13 1554.54 1554.94 1555.34 1555.75 1556.15 1556.55 1556.96 1557.36 1557.77 1558.17 1558.58 1558.98 1559.39 1559.79 1560.20 1560.61 1561.01 1561.42 1561.83 1562.23 1562.64 1563.05 1563.45 1563.86 All wavelengths are referred to vacuum. 0.05nm. MITSUBISHI (OPTICAL DEVICES) FU-68PDF-V510MxxB 1.55 mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) OUTLINE DIAGRAM (Unit : mm) 28.4 FU-68PDF-V510MxxB |
Price & Availability of FU-68PDF-5 |